Part Number Hot Search : 
PZT13003 16ST1119 LM324 AMPHENOL 2CLC2036 MCF5206 LNK353P Z3PK540H
Product Description
Full Text Search
 

To Download MT3506W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MT3506W thru mt3516w document number: MT3506W thru mt3516w www. smsemi .com sep.10,2014 1 module type type v rrm v rsm MT3506W mt3508w mt3510w mt3512w mt3514w mt3516w 600v 800v 1000v 1200v 1400v 1600v 700v 900v 1100v 1300v 1500v 1700v maximum ratings symbol item conditions values units i o average forward output current tc=78 35 a i fsm forward surge current, max. t=8.3ms single half-sine-wave superimposed on rated load (jedec method) 450 a i 2 t value for fusing t=8.3ms vr=0 840 a 2 s visol isolation breakdown voltage(r.m.s) a.c.50hz;r.m.s.;1min tj=25 tj=125 2500 v tvj operating junction temperature -55 to +150 tstg storage temperature -55 to +150 mt mounting torque 2 n.m weight bridge(approximately) 20 g thermal characteristics symbol item conditions values units rth(j-c) junction to case bridge 0.9 /w electrical characteristics features y high thermal conductivity packge, electrically insulated case y centre hole fixing y glass passivated chips y high ifsm y epoxy compound has classification ul94v-0 applications y big power supplier y field supply for dc motor circuit glass passivated three phase bridge rectifiers v rrm 600 to 1600v i fav 35 amp symbol item conditions values units min. typ. max. v fm forward voltage drop, max. t=25 i f =17.5a 1.10 1.20 v i rd maximum dc reverse t vj =25 v rd =v rrm t vj =150 v rd =v rrm 5.0 2.0 ua ma
MT3506W thru mt3516w document number: MT3506W thru mt3516w www. smsemi .com sep.10,2014 2 characteristic curve fig.3 max non-repetitive peak surge current fig. 1 forward current derating curve fig.2 typical forward characteristics v f , instantaneous forward current (a) 50 40 30 20 10 0 0.6 0.8 1.0 1.2 1.4 1.6 i f instantaneous forward voltage(v) typ. 1 10 100 number of cycles at 60 hz 500 400 300 200 100 0 i fsm , pdak fwd surge current (a) tj=25 pulse width=300 fig4. transient thermal impedance max.
MT3506W thru mt3516w document number: MT3506W thru mt3516w www. smsemi .com sep.10,2014 3 package outline information dimensions in mm case mt-w ~ ~ ~


▲Up To Search▲   

 
Price & Availability of MT3506W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X